Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download 593D106X9025C2TE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  593d www.vishay.com vishay sprague revision: 04-jul-13 1 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid tantalum surface mount chip capacitors t antamount ? , molded case, low esr effective september 2005, new capacitor ratings will not be added to the 593d series. all new ratings are available in the tr3 series. the tr3 series offers state-of-the-art low esr for switch mode power suppl ies and dc/dc converters. performance characteristics www.vishay.com/doc?40088 operating temperature: - 55 c to + 125 c ? (above + 85 c voltage derating is required) capacitance range: 0.47 f to 680 f capacitance tolerance: 5 %, 10 %, 20 % 100 % surge current tested (c, d and e case sizes) voltage rating: 4 v dc to 50 v dc features ?low esr ? molded case available in five case codes ? terminations: 100 % matte tin, standard, tin/lead available ? high ripple current carrying capability ? compatible with high volume automatic pick and place equipment ? moisture sensitivity level 1 ? compliant terminations ? meets iec specification qc300801/us0001 and eia535baac mechanical an d performance requirements ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? * this datasheet provides information about parts that are ? rohs-compliant and/or parts th at are non-rohs-compliant. for ? example, parts with lead (pb) te rminations are not rohs-compliant. ? please see the information/tables in this datasheet for details. applications ? industrial ? telecom infrastructure ? general purpose notes ? we reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. ? voltage substitutions will be marked with the higher voltage rating. ? effective july 15, 2008, part numbe rs with solderable term ination codes 2t and 2w may have ei ther matte or tin/ lead termination s. ? codes 2te3 and 2we3 specify only matte tin terminations. codes 8t and 8w specify only tin/lead terminations. ? low esr solid tantalum chip capacitors allow delta esr of 1.25 time s the datasheet limi ts after mounting. ? dry pack is available per request, contact regional marketing. available available ordering information 593d 107 x9 010 d 2we3 type capacitance capacitance tolerance dc voltage rating at + 85 c case code termination and packaging this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow x0 = 20 % x9 = 10 % x5 = 5 % (special order) this is expressed in volts. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an r (6r3 = 6.3 v) see ratings and case codes table 2te3: matte tin, 7" (178 mm) reel 2we3: matte tin, 13" (330 mm) reel 8t: tin/lead, 7" (178 mm) reel 8w: tin/lead, 13" (330 mm) reel
593d www.vishay.com vishay sprague revision: 04-jul-13 2 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? glue pad (non-conductive, part of molded case) is dedicated for glue atta chment (as user option). dimensions in inches [millimeters] case code eia size l w h p t w t h (min.) a 3216-18 0.126 0.008 [3.2 0.20] 0.063 0.008 [1.6 0.20] 0.063 0.008 [1.6 0.20] 0.031 0.012 [0.80 0.30] 0.047 0.004 [1.2 0.10] 0.028 [0.70] b 3528-21 0.138 0.008 [3.5 0.20] 0.110 0.008 [2.8 0.20] 0.075 0.008 [1.9 0.20] 0.031 0.012 [0.80 0.30] 0.087 0.004 [2.2 0.10] 0.028 [0.70] c 6032-28 0.236 0.012 [6.0 0.30] 0.126 0.012 [3.2 0.30] 0.098 0.012 [2.5 0.30] 0.051 0.012 [1.3 0.30] 0.087 0.004 [2.2 0.10] 0.039 [1.0] d 7343-31 0.287 0.012 [7.3 0.30] 0.169 0.012 [4.3 0.30] 0.110 0.012 [2.8 0.30] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] e 7343-43 0.287 0.012 [7.3 0.30] 0.169 0.012 [4.3 0.30] 0.157 0.012 [4.0 0.30] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] ratings and case codes f 4 v 6.3 v 10 v 16 v 20 v 25 v 35 v 50 v 0.47 a 0.68 a 1.0 a a a a/b b/c 1.5 ab/cb/c 2.2 aa/bb/cc/d 3.3 a a b c c/d 4.7 a a/b a/b b/c c d/e 6.8 a a b c c/d d/e 10 a a a/b/c b/c c c/d d/e 15 a a a/b b/c b/c c/d d/e 22 a a/b a/b/c b/c c/d d d/e 33 a/b a/b b/c b/c/d c/d d/e 47 a/b b/c b/c/d c/d d/e e 68 b/c b/c c/d d d/e 100 b/c b/c/d c/d d/e e 150 b/c/d c/d/e d/e e 220 c/d d/e d/e 330 d d/e e 470 d/e e 680 e l t h (min.) h w t w p glue pad glue pad
593d www.vishay.com vishay sprague revision: 04-jul-13 3 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking a case voltage code volts code 4.0 g 6.3 j 10 a 16 c 20 d 25 e 35 v 50 t marking capacitor marking includes an anode (+) polarity band, capacita nce in microfarads and the voltage rating. a case capacitors u se a letter code for the voltage and eia capacitance code. the vishay sprague ? trademark is included if space permits. capacitors rated at 6.3 v are marked 6 v. a manufacturing date code is marked on all capacitors. capacitors may bear a different marking scheme if a part with mo re extensive screening is substi tuted. these would include, for example, r for low esr series (tr3) or p for professional series (tp3). call the factory for further explanation. standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) 4 v dc at + 85 c; 2.7 v dc at + 125 c 15 a 593d156(1)004a(2) 0.6 6 1.500 0.22 22 a 593d226(1)004a(2) 0.9 6 1.500 0.22 33 a 593d336(1)004a(2) 1.3 6 1.500 0.22 33 b 593d336(1)004b(2) 1.3 6 0.500 0.41 47 a 593d476(1)004a(2) 1.9 14 0.800 0.31 47 b 593d476(1)004b(2) 1.9 6 0.500 0.41 68 b 593d686(1)004b(2) 2.7 6 0.500 0.41 68 c 593d686(1)004c(2) 2.7 6 0.275 0.63 100 b 593d107(1)004b(2) 4.0 8 0.450 0.43 100 c 593d107(1)004c(2) 4.0 6 0.225 0.66 150 b 593d157(1)004b(2) 6.0 14 0.500 0.41 150 c 593d157(1)004c(2) 6.0 12 0.250 0.66 150 d 593d157(1)004d(2) 6.0 8 0.150 1.00 220 c 593d227(1)004c(2) 8.8 8 0.200 0.74 220 d 593d227(1)004d(2) 8.8 8 0.150 1.00 330 d 593d337(1)004d(2) 13.2 8 0.150 1.00 470 d 593d477(1)004d(2) 18.8 10 0.125 1.10 470 e 593d477(1)004e(2) 18.8 10 0.100 1.28 680 e 593d687(1)004e(2) 27.2 12 0.100 1.28 6.3 v dc at + 85 c; 4 v dc at 125 c 10 a 593d106(1)6r3a(2) 0.6 6 2.000 0.19 15 a 593d156(1)6r3a(2) 0.9 6 2.000 0.19 22 a 593d226(1)6r3a(2) 1.3 6 2.000 0.19 22 b 593d226(1)6r3b(2) 1.3 6 0.600 0.38 33 a 593d336(1)6r3a(2) 2.0 14 0.800 0.31 note ? part number definitions: (1) tolerance: x0, x9, x5 (2) terminations and packaging: 2te3, 2we3, 8t, 8w capacitance code, pf indicates lead (pb)-free polarity band voltage code v 104l a case data code vishay sprague logo indicates lead (pb)-free voltage capacitance f polarity band 22 10l xx 2 b, c, d, e cases
593d www.vishay.com vishay sprague revision: 04-jul-13 4 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 6.3 v dc at + 85 c; 4 v dc at 125 c 33 b 593d336(1)6r3b(2) 2.0 6 0.600 0.38 47 b 593d476(1)6r3b(2) 2.8 6 0.550 0.39 47 c 593d476(1)6r3c(2) 2.8 6 0.300 0.61 68 b 593d686(1)6r3b(2) 4.1 6 0.550 0.39 68 c 593d686(1)6r3c(2) 4.1 6 0.275 0.63 100 b 593d107(1)6r3b(2) 6.0 15 0.500 0.41 100 c 593d107(1)6r3c(2) 6.0 6 0.250 0.66 100 d 593d107(1)6r3d(2) 6.0 6 0.140 1.04 150 c 593d157(1)6r3c(2) 9.0 8 0.200 0.74 150 d 593d157(1)6r3d(2) 9.0 8 0.125 1.10 150 e 593d157(1)6r3e(2) 9.0 8 0.100 1.28 220 d 593d227(1)6r3d(2) 13.2 8 0.100 1.22 220 e 593d227(1)6r3e(2) 13.2 8 0.100 1.28 330 d 593d337(1)6r3d(2) 19.8 8 0.125 1.10 330 e 593d337(1)6r3e(2) 19.8 8 0.100 1.28 470 e 593d477(1)6r3e(2) 28.2 10 0.100 1.28 10 v dc at + 85 c; 7 v dc at 125 c 4.7 a 593d475(1)010a(2) 0.5 6 3.000 0.16 6.8 a 593d685(1)010a(2) 0.7 6 3.000 0.16 10 a 593d106(1)010a(2) 1.0 6 2.000 0.19 15 a 593d156(1)010a(2) 1.5 6 2.000 0.19 15 b 593d156(1)010b(2) 1.5 6 0.700 0.35 22 a 593d226(1)010a(2) 2.2 8 1.500 0.22 22 b 593d226(1)010b(2) 2.2 6 0.700 0.35 22 c 593d226(1)010c(2) 2.2 6 0.345 0.56 33 b 593d336(1)010b(2) 3.3 6 0.600 0.38 33 c 593d336(1)010c(2) 3.3 6 0.300 0.61 47 b 593d476(1)010b(2) 4.7 6 0.600 0.38 47 c 593d476(1)010c(2) 4.7 6 0.300 0.61 47 d 593d476(1)010d(2) 4.7 6 0.200 0.87 68 c 593d686(1)010c(2) 6.8 6 0.275 0.63 68 d 593d686(1)010d(2) 6.8 6 0.150 1.00 100 c 593d107(1)010c(2) 10.0 8 0.200 0.74 100 d 593d107(1)010d(2) 10.0 6 0.100 1.22 150 d 593d157(1)010d(2) 15.0 8 0.100 1.22 150 e 593d157(1)010e(2) 15.0 8 0.100 1.28 220 d 593d227(1)010d(2) 22.0 8 0.125 1.10 220 e 593d227(1)010e(2) 22.0 8 0.100 1.28 330 e 593d337(1)010e(2) 33.0 10 0.100 1.28 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) tolerance: x0, x9, x5 (2) terminations and packaging: 2te3, 2we3, 8t, 8w
593d www.vishay.com vishay sprague revision: 04-jul-13 5 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 16 v dc at + 85 c; 10 v dc at + 125 c 1.0 a 593d105(1)016a(2) 0.5 4 5.500 0.12 3.3 a 593d335(1)016a(2) 0.5 6 3.500 0.15 4.7 a 593d475(1)016a(2) 0.8 6 2.500 0.17 4.7 b 593d475(1)016b(2) 0.8 6 1.500 0.24 6.8 a 593d685(1)016a(2) 1.1 6 3.000 0.16 10 a 593d106(1)016a(2) 1.6 6 1.700 0.21 10 b 593d106(1)016b(2) 1.6 6 0.800 0.33 10 c 593d106(1)016c(2) 1.6 6 0.450 0.49 15 b 593d156(1)016b(2) 2.4 6 0.800 0.33 15 c 593d156(1)016c(2) 2.4 6 0.400 0.52 22 b 593d226(1)016b(2) 3.5 6 0.700 0.35 22 c 593d226(1)016c(2) 3.5 6 0.350 0.56 33 b 593d336(1)016b(2) 5.3 6 0.700 0.35 33 c 593d336(1)016c(2) 5.3 6 0.300 0.61 33 d 593d336(1)016d(2) 4.2 4 0.225 0.82 47 c 593d476(1)016c(2) 7.5 6 0.300 0.61 47 d 593d476(1)016d(2) 7.5 6 0.150 1.00 68 d 593d686(1)016d(2) 10.9 6 0.150 1.00 100 d 593d107(1)016d(2) 16.0 8 0.125 1.10 100 e 593d107(1)016e(2) 16.0 8 0.100 1.28 150 e 593d157(1)016e(2) 24.0 8 0.100 1.28 20 v dc at + 85 c; 13 v dc at + 125 c 1.0 a 593d105(1)020a(2) 0.5 4 5.500 0.12 2.2 a 593d225(1)020a(2) 0.5 6 4.000 0.14 3.3 a 593d335(1)020a(2) 0.7 6 4.000 0.14 4.7 a 593d475(1)020a(2) 0.9 6 3.500 0.15 4.7 b 593d475(1)020b(2) 0.9 6 1.000 0.29 6.8 b 593d685(1)020b(2) 1.4 6 1.000 0.29 10 b 593d106(1)020b(2) 2.0 6 1.000 0.29 10 c 593d106(1)020c(2) 2.0 6 0.450 0.49 15 b 593d156(1)020b(2) 3.0 6 1.000 0.29 15 c 593d156(1)020c(2) 3.0 6 0.400 0.52 22 c 593d226(1)020c(2) 4.4 6 0.375 0.54 22 d 593d226(1)020d(2) 3.5 4 0.225 0.82 33 c 593d336(1)020c(2) 6.6 6 0.350 0.56 33 d 593d336(1)020d(2) 6.6 6 0.200 0.87 47 d 593d476(1)020d(2) 9.4 6 0.200 0.87 47 e 593d476(1)020e(2) 7.5 4 0.150 1.05 68 d 593d686(1)020d(2) 13.6 6 0.175 0.93 68 e 593d686(1)020e(2) 13.6 6 0.150 1.05 100 e 593d107(1)020e(2) 20.0 8 0.150 1.05 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) tolerance: x0, x9, x5 (2) terminations and packaging: 2te3, 2we3, 8t, 8w
593d www.vishay.com vishay sprague revision: 04-jul-13 6 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 25 v dc at + 85 c; 17 v dc at + 125 c 1.0 a 593d105(1)025a(2) 0.5 4 4.000 0.14 1.5 a 593d155(1)025a(2) 0.5 6 4.000 0.14 2.2 a 593d225(1)025a(2) 0.6 6 4.000 0.14 2.2 b 593d225(1)025b(2) 0.6 6 1.500 0.24 3.3 b 593d335(1)025b(2) 0.8 6 1.500 0.24 4.7 b 593d475(1)025b(2) 1.2 6 1.500 0.24 4.7 c 593d475(1)025c(2) 1.2 6 0.525 0.46 6.8 c 593d685(1)025c(2) 1.7 6 0.500 0.47 10 c 593d106(1)025c(2) 2.5 6 0.450 0.49 15 c 593d156(1)025c(2) 3.8 6 0.425 0.51 15 d 593d156(1)025d(2) 3.8 6 0.250 0.77 22 d 593d226(1)025d(2) 5.5 6 0.200 0.87 33 d 593d336(1)025d(2) 8.3 6 0.200 0.87 33 e 593d336(1)025e(2) 8.3 6 0.200 0.91 47 e 593d476(1)025e(2) 11.8 6 0.200 0.91 35 v dc at + 85 c; 23 v dc at + 125 c 0.47 a 593d474(1)035a(2) 0.5 4 4.000 0.14 0.68 a 593d684(1)035a(2) 0.5 4 4.000 0.14 1.0 a 593d105(1)035a(2) 0.5 4 4.000 0.14 1.0 b 593d105(1)035b(2) 0.5 4 2.000 0.21 1.5 b 593d155(1)035b(2) 0.5 6 2.000 0.21 1.5 c 593d155(1)035c(2) 0.5 6 0.900 0.35 2.2 b 593d225(1)035b(2) 0.8 6 2.000 0.21 2.2 c 593d225(1)035c(2) 0.8 6 0.900 0.40 3.3 c 593d335(1)035c(2) 1.2 6 0.700 0.45 4.7 c 593d475(1)035c(2) 1.6 6 0.500 0.47 6.8 c 593d685(1)035c(2) 2.4 6 0.475 0.48 6.8 d 593d685(1)035d(2) 2.4 6 0.300 0.71 10 c 593d106(1)035c(2) 3.5 6 0.450 0.49 10 d 593d106(1)035d(2) 3.5 6 0.300 0.71 15 d 593d156(1)035d(2) 5.3 6 0.300 0.71 15 e 593d156(1)035e(2) 5.3 6 0.300 0.74 22 d 593d226(1)035d(2) 7.7 6 0.300 0.71 22 e 593d226(1)035e(2) 7.7 6 0.275 0.77 50 v dc at + 85 c; 33 v dc at + 125 c 1.0 b 593d105(1)050b(2) 0.5 4 2.000 0.21 1.0 c 593d105(1)050c(2) 0.5 4 1.600 0.26 1.5 b 593d155(1)050b(2) 0.8 6 2.000 0.21 1.5 c 593d155(1)050c(2) 0.8 6 1.500 0.27 2.2 c 593d225(1)050c(2) 1.1 6 1.500 0.27 2.2 d 593d225(1)050d(2) 1.1 6 0.800 0.43 3.3 c 593d335(1)050c(2) 1.7 6 1.500 0.27 3.3 d 593d335(1)050d(2) 1.7 6 0.800 0.43 4.7 d 593d475(1)050d(2) 2.4 6 0.600 0.50 4.7 e 593d475(1)050e(2) 1.9 6 0.600 0.50 6.8 d 593d685(1)050d(2) 3.4 6 0.600 0.50 6.8 e 593d685(1)050e(2) 3.4 6 0.550 0.55 10 d 593d106(1)050d(2) 5.0 6 0.550 0.52 10 e 593d106(1)050e(2) 5.0 6 0.550 0.55 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) tolerance: x0, x9, x5 (2) terminations and packaging: 2te3, 2we3, 8t, 8w
593d www.vishay.com vishay sprague revision: 04-jul-13 7 document number: 40005 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended voltage de rating guidelines (for temperatures below + 85 c) standard conditions. for example: output filters capacitor voltage rating operating voltage 4.0 2.5 6.3 3.6 10 6.0 16 10 20 12 25 15 35 24 50 28 severe conditions. for example: input filters capacitor voltage rating operating voltage 4.0 2.5 6.3 3.3 10 5.0 16 8.0 20 10 25 12 35 15 50 24 power dissipation case code maximum permissible power diss ipation at + 25 c (w) in free air a 0.075 b 0.085 c 0.110 d 0.150 e 0.165 standard packaging quantity case code units per reel 7" reel 13" reel a 2000 9000 b 2000 8000 c 500 3000 d 500 2500 e 400 1500 product information guide for molded ta ntalum capacitors www.vishay.com/doc?40074 pad dimensions packaging dimensions moisture sensitivity www.vishay.com/doc?40135 selector guides solid tantalum selector guide www.vishay.com/doc?49053 solid tantalum chip capacitors www.vishay.com/doc?40091 faq frequently asked questions www.vishay.com/doc?40110
molded guide www.vishay.com vishay sprague revision: 27-jun-12 29 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guide for molded tantalum capacitors introduction tantalum electrolytic capacitors are the preferred choice in applications where volumetric efficiency, stable electrical parameters, high reliability, an d long service life are primary considerations. the stability and resistance to elevated temperatures of the tantalum /tantalum oxide/manganese dioxide system make solid tantalum capacitors an appropriate choice for toda y's surface mount assembly technology. vishay sprague has been a pioneer and leader in this field, producing a large variety of tantalum capacitor types for consumer, industrial, automo tive, military, and aerospace electronic applications. tantalum is not found in its pure state. rather, it is commonly found in a number of oxide minerals, often in combination with columbium ore. this combination is known as tantalite when its contents are more than one-half tantalum. important sources of tantalite include australia, brazil, canada, china, and several african countries. synthetic tantalite concentrates produced from tin slags in thailand, malaysia, and brazil are also a significant raw material for tantalum production. electronic applications, and particularly capacitors, consume the largest share of world tantalum production. other important applications for tantalum include cutting tools (tantalum carbide), hi gh temperature super alloys, chemical processing equipme nt, medical implants, and military ordnance. vishay sprague is a major user of tantalum materials in the form of powder and wire for ca pacitor elements and rod and sheet for high temperature vacuum processing. the basics of tantalum capacitors most metals form crystalline oxides which are non-protecting, such as rust on iron or black oxide on copper. a few metals form dens e, stable, tightly adhering, electrically insulating oxides. these are the so-called valvemetals and include titanium, zirconium, niobium, tantalum, hafnium, and aluminum. only a few of these permit the accurate contro l of oxide thickness by electrochemical means. of these, the most valuable for the electronics industry are aluminum and tantalum. capacitors are basic to all kinds of electrical equipment, from radios and television se ts to missile controls and automobile ignitions. their func tion is to store an electrical charge for later use. capacitors consist of two conducting surfaces, usually metal plates, whose function is to conduct electricity. they are separated by an insulating material or dielectric. the dielectric used in all tantalum electrolytic capacitors is tantalum pentoxide. tantalum pentoxide compound possesses high-dielectric strength and a high-dielectric constant. as capacitors are being manufactured, a film of tantalum pentoxide is applied to their electrodes by means of an electrolytic process. the film is applied in various thic knesses and at various voltages and although transparent to begi n with, it takes on different colors as light refracts through it. this coloring occurs on the tantalum electrodes of all types of tantalum capacitors. rating for rating, tantalum cap acitors tend to have as much as three times better capacitance/volume efficiency than aluminum electrolytic capacito rs. an approximation of the capacitance/volume efficiency of other types of capacitors may be inferred from the follo wing table, which shows the dielectric constant ranges of the various materials used in each type. note that tantal um pentoxide has a dielectric constant of 26, some three times greater than that of aluminum oxide. this, in addition to the fact that extremely thin films can be deposited during the electrolytic process mentioned earlier, makes the tantalum capacitor extremely efficient with respect to the number of microfarads available per unit volume. the capacitance of any capacitor is determined by the surface area of the two conducting plates, the distance between the plates, and the dielectric constant of the insulating material between the plates. in the tantalum electrolytic capacitor, the distance between the plates is very small since it is only the thickness of the tantalum pentoxide film. as the dielectric constant of the tantalum pentoxide is high, the capacitance of a tantalum capacitor is high if the area of the plates is large: where c = capacitance e = dielectric constant a = surface area of the dielectric t = thickness of the dielectric tantalum capacitors contain either liquid or solid electrolytes. in solid electrolyte capacitors, a dry material (manganese dioxide) forms the cathode plate. a tantalum lead is embedded in or welded to the pellet, which is in turn connected to a termination or lead wire. the drawings show the construction details of the surface mount types of tantalum capacitors shown in this catalog. comparison of capacitor dielectric constants dielectric e dielectric constant air or vacuum 1.0 paper 2.0 to 6.0 plastic 2.1 to 6.0 mineral oil 2.2 to 2.3 silicone oil 2.7 to 2.8 quartz 3.8 to 4.4 glass 4.8 to 8.0 porcelain 5.1 to 5.9 mica 5.4 to 8.7 aluminum oxide 8.4 tantalum pentoxide 26 ceramic 12 to 400k c ea t ------ - =
molded guide www.vishay.com vishay sprague revision: 27-jun-12 30 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid electrolyte tantalum capacitors solid electrolyte capacitors contain manganese dioxide, which is formed on the tantalum pentoxide dielectric layer by impregnating the pellet with a solution of manganous nitrate. the pellet is then heated in an oven, and the manganous nitrate is converted to manganese dioxide. the pellet is next coated with graphite, followed by a layer of metallic silver, which pro vides a conductive surface between the pellet and the leadframe. molded chip tantalum capacitor encases the element in plastic resins, such as epoxy materials. after assembly, the capacitors are tested and inspected to assure long life and reliability. it offers excellent reliability and high stability for consumer and commercial electronics with the added feature of low cost surface mount designs of sol id tantalum capacitors use lead frames or lead frameless designs as shown in the accompanying drawings. tantalum capacitors for all design considerations solid electrolyte designs are the least expensive for a given rating and are used in many applications where their very small size for a given unit of capacitance is of importance. they will typically withstand up to about 10 % of the rated dc working voltage in a reverse direction. also important are their good low temperature performance characteristics and freedom from corrosive electrolytes. vishay sprague patented the original solid electrolyte capacitors and was the first to market them in 1956. vishay sprague has the broadest line of tantalum capacitors and has continued its position of le adership in this field. data sheets covering the various types and styles of vishay sprague capacitors for co nsumer and entertainment electronics, industry, and military applications are available where detailed performance characteristics must be specified. molded chip capacitor, all types except 893d/tf3/t86 molded chip capacitor with bu ilt-in fuse, types 893d/tf3/t86 leadframe epoxy encap s ulation anode polarity bar s olderable cathode termination s ilver adhe s ive mno 2 /carbon/ s ilver coating s olderable anode termination s intered tantalum s ilver adhe s ive s olderable cathode termination s intered tantalum pellet lead frame fu s ible wire s olderable anode termination anode polarity bar epoxy encap s ulation mno 2 /carbon/ s ilver coating
molded guide www.vishay.com vishay sprague revision: 27-jun-12 31 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 commercial products solid tantalum capacitors - molded case series 293d 793de-793dx- ctc3-ctc4 593d tr3 tp3 tl3 product image type surface mount t antamount ? , molded case features standard industrial grade cecc approved low esr low esr high performance, automotive grade very low dcl temperature range - 55 c to + 125 c capacitance range 0.1 f to 1000 f 0.1 f to 100 f 1 f to 470 f 0.47 f to 1000 f 0.1 f to 470 f 0.1 f to 470 f voltage range 4 v to 63 v 4 v to 50 v 4 v to 50 v 4 v to 63 v 4 v to 50 v 4 v to 50 v capacitance tolerance 10 %, 20 % leakage current 0.01 cv or 0.5 a, whichever is greater 0.005 cv or 0.25 a, whichever is greater dissipation factor 4 % to 30 % 4 % to 6 % 4 % to 15 % 4 % to 30 % 4 % to 15 % 4 % to 15 % case codes a, b, c, d, e, v a, b, c, d a, b, c, d, e a, b, c, d, e, v, w a, b, c, d, e a, b, c, d, e termination 100 % matte tin standard , tin/lead available solid tantalum capacitors - molded case series th3 th4 th5 893d tf3 product image type surface mount t antamount ? , molded case features high temperature + 150 c, automotive grade high temperature + 175 c, automotive grade very high temperature + 200 c built-in fuse built-in fuse, low esr temperature range - 55 c to + 150 c - 55 c to + 175 c - 55 c to + 200 c - 55 c to + 125 c capacitance range 0.33 f to 220 f 10 f to 47 f 10 f 0.47 f to 680 f 0.47 f to 470 f voltage range 6.3 v to 50 v 6.3 v to 16 v 21 v 4 v to 50 v 4 v to 50 v capacitance tolerance 10 %, 20 % leakage current 0.01 cv or 0.5 a, whichever is greater dissipation factor 4 % to 8 % 4.5 % to 6 % 6 % 6 % to 15 % 6 % to 15 % case codes a, b, c, d, e b, c e c, d, e c, d, e termination 100 % matte tin standard, tin/lead and gold plated available 100 % matte tin gold plated 100 % matte tin standard, tin/ lead available
molded guide www.vishay.com vishay sprague revision: 27-jun-12 32 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high reliability products solid tantalum capacitors - molded case series t83 t86 cwr11 04053 95158 product image type t antamount ? , molded case, hi-rel. cots t antamount ? , molded case, dla approved features high reliability, standard and low esr high reliability, built-in fuse, standard and low esr mil-prf-55365/8 qualified built-in fuse low esr temperature range - 55 c to + 125 c capacitance range 0.1 f to 470 f 0.47 f to 330 f 0.1 f to 100 f 0.47 f to 470 f 4.7 f to 220 f voltage range 4 v to 63 v 4 v to 50 v capacitance tolerance 10 %, 20 % 5 %, 10 %, 20 % 20 % 10 %, 20 % leakage current 0.01 cv or 0.5 a, whichever is greater dissipation factor 4 % to 15 % 6 % to 16 % 4 % to 6 % 4 % to 8 % 4 % to 12 % case codes a, b, c, d, e c, d, e a, b, c, d c, d, e c, d, e termination 100 % matte tin; tin/lead; tin/lead solder fused tin/lead; tin/lead solder fused tin/lead solder plated tin/lead solder plated; gold plated
molded guide www.vishay.com vishay sprague revision: 27-jun-12 33 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? metric dimensions will govern. dimensio ns in inches are rounded and for reference only. (1) a 0 , b 0 , k 0 , are determined by the maximum dimensions to the ends of the terminals extending from the component bo dy and/or the body dimensions of the component. the clearance between the ends of the terminals or body of the co mponent to the sides and depth of the cavity (a 0 , b 0 , k 0 ) must be within 0.002" (0.05 mm) minimum and 0.020" (0. 50 mm) maximum. the clearance allowed must also prevent rotation of the component within the cavity of not more than 20. (2) tape with components shall pass around ra dius r without damage. the minimum trailer length may require addi tional length to p rovide r minimum for 12 mm embossed tape for reels with hub diameters approaching n minimum. (3) this dimension is the flat area from the edge of the sprocket hole to either outward deformation of the carrier tape between th e embossed cavities or to the edge of the cavity whichever is less. (4) this dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the carrier tape between the embossed ca vity or to the edge of th e cavity whichever is less. (5) the embossed hole location shall be measured from the sprocket hole controlling the location of the embossement. dimensions of embossement location shall be a pplied independent of each other. (6) b 1 dimension is a refere nce dimension tape feeder clearance only. plastic tape and reel packaging in inches [millimeters] tape and reel specifications: all case sizes are available on plastic embossed tape per eia-481. standard reel diameter is 7" [178 mm], 13" [330 mm] reels ar e available and recommended as the most cost effective packaging method. the most efficient packaging quantities are full reel increments on a given reel diameter. the quantities shown allow for the sealed empty pockets required to be in conformance with eia-481. reel size and packaging orientation must be specified in the vishay sprague part number. case code tape size b 1 (max.) d 1 (min.) f k 0 (max.) p 1 w 293d - 593d - 893d - tr3 - th3 - tf3 - tp3 - 793de/793dx/ctc3/ctc4 a 8 mm 0.165 [4.2] 0.039 [1.0] 0.138 0.002 [3.5 0.05] 0.094 [2.4] 0.157 0.004 [4.0 1.0] 0.315 0.012 [8.0 0.30] b c 12 mm 0.32 [8.2] 0.059 [1.5] 0.217 0.00 [5.5 0.05] 0.177 [4.5] 0.315 0.004 [8.0 1.0] 0.472 0.012 [12.0 0.30] d e v w 0.004 [0.1] max. k 0 tape thickness b 1 max. (note 6) 0.014 [0.35] max. 0.008 [0.200] embossment 0.069 0.004 [1.75 0.10] d 1 min. for components 0.079 x 0.047 [2.0 x 1.2] and larger . (note 5) maximum cavity size (note 1) user direction of feed center lines of cavity a 0 p 1 f w 0.030 [0.75] min. (note 4) 0.030 [0.75] min. (note 3) 0.079 0.002 [2.0 0.05] 0.157 0.004 [4.0 0.10] 0.059 + 0.004 - 0.0 [1.5 + 0.10 - 0.0] b 0 maxim um component rotation (side or front sectional view) 20 for tape feeder reference only including draft. concentric around b 0 (note 5) deformation between embossments to p cover tape to p cover tape 10 pitches cumulative tolerance on tape direction of feed anode (+) cathode (-) 20 maximum component rotation typical component cavity center line typical component center line a 0 b 0 (top view) 0.9843 [250.0] tape 3.937 [100.0] 0.039 [1.0] max. 0.039 [1.0] max. camber (top view) allowable camber to be 0.039/3.937 [1/100] non-cumulative over 9.843 [250.0]
molded guide www.vishay.com vishay sprague revision: 27-jun-12 34 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended reflow profiles capacitors should withstand reflow profile as per j-std-020 standard profile feature snpb eutectic assembly lead (pb)-free assembly preheat/soak temperature min. (t s min. ) 100 c 150 c temperature max. (t s max. ) 150 c 200 c time (t s ) from (t s min. to t s max. ) 60 s to 120 s 60 s to 120 s ramp-up ramp-up rate (t l to t p ) 3 c/s max. 3 c/s max. liquidous temperature (t l ) 183 c 217 c time (t l ) maintained above t l 60 s to 150 s 60 s to 150 s peak package body temperature (t p ) depends on case size - see table below time (t p ) within 5 c of the specified classification temperature (t c ) 20 s 30 s time 25 c to peak temper ature 6 min max. 8 min max. ramp-down ramp-down rate (t p to t l ) 6 c/s max. 6 c/s max. 25 temperature (c) time (s) t s t l time 25 c to peak t l t p t c = 5 c t p t s max. t s min. preheat area max. ramp-up rate = 3 c/s max. ramp-down rate = 6 c/s peak package body temperature (t p ) case code peak package body temperature (t p ) snpb eutectic process lead (pb)-free process a, b, c, v 235 c 260 c d, e, w 220 c 250 c pad dimensions in inches [millimeters] case code a (min.) b (nom.) c (nom.) d (nom.) 293d - 593d - 893d - tr3 - tl3 - th3 - th4 - th5 - tf3 - tp3 - 793de/793dx/ctc3/ctc4 - t83 - t86 - cwr11 - 95158 - 04053 a 0.071 [1.80] 0.067 [1.70] 0.053 [1.35] 0.187 [4.75] b 0.118 [3.00] 0.071 [1.80] 0.065 [1.65] 0.207 [5.25] c 0.118 [3.00] 0.094 [2.40] 0.118 [3.00] 0.307 [7.80] d 0.157 [4.00] 0.098 [2.50] 0.150 [3.80] 0.346 [8.80] e 0.157 [4.00] 0.098 [2.50] 0.150 [3.80] 0.346 [8.80] v 0.157 [4.00] 0.098 [2.50] 0.150 [3.80] 0.346 [8.80] w 0.185 [4.70] 0.098 [2.50] 0.150 [3.80] 0.346 [8.80] a b c d
molded guide www.vishay.com vishay sprague revision: 27-jun-12 35 document number: 40074 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guide to application 1. ac ripple current: the maximum allowable ripple current shall be determ ined from the formula: where, p = power dissipation in w at + 25 c as given in the tables in the product datasheets (power dissipation). r esr = the capacitor equivale nt series resistance at the specified frequency 2. ac ripple voltage: the maximum allowable ripple voltage shall be determ ined from the formula: or, from the formula: where, p = power dissipation in w at + 25 c as given in the tables in the product datasheets (power dissipation). r esr = the capacitor equivale nt series resistance at the specified frequency z = the capacitor impedance at the specified frequency 2.1 the sum of the peak ac voltage plus the applied dc voltage shall not exceed the dc voltage rating of the capacitor. 2.2 the sum of the negative peak ac voltage plus the applied dc voltage shall not allow a voltage reversal exceeding 10 % of the dc working voltage at + 25 c. 3. reverse voltage: solid tantalum capacitors are not intended for use with reverse voltage applied. however, they have been shown to be capable of withstanding momentary re verse voltage peaks of up to 10 % of the dc rating at 25 c and 5 % of the dc rating at + 85 c. 4. temperature derating: if these capacitors are to be operated at temperatures above + 25 c, the permissible rms ripple current or voltage shall be calculated using the derating factors as shown: 5. power dissipation: power dissipation will be affected by the heat sinking capability of the mounting surface. non-sinuso idal ripple current may produce heating effects which differ from those shown. it is important that the equivalent i rms value be established when calculating permissible operating levels. (power dissipation calculated using + 25 c temperature rise). 6. printed circuit board materials: molded capacitors are compatible with commonly used printed circuit board materials (alumina su bstrates, fr4, fr5, g10, ptfe-fluorocarbon and porcelanized steel). 7. attachment: 7.1 solder paste: the recommended thickness of the solder paste after appli cation is 0.007" 0.001" [0.178 mm 0.025 mm]. care should be exercised in selecting the solder paste. the metal purity should be as high as practical. the fl ux (in the paste) must be active enough to remove th e oxides formed on the metallization prior to the exposure to soldering heat. in practice this can be aide d by extending the solder preheat time at temperat ures below the liquidous state of the solder. 7.2 soldering: capacitors can be attached by conventional soldering techniques; vapor phase, convection reflow, infrared reflow, wave soldering, and hot plate methods. the soldering profile charts show recommended time/te mperature conditions for soldering. preheating is recommended. the recommended maximum ramp rate is 2 c per s. attachment with a soldering iron is not recommended due to the difficulty of controlling temperature and time at temperature. the soldering iron must never come in contact with the capacitor. 7.2.1 backward and forwar d compatibility: capacitors with snpb or 100 % tin termination finishes can be soldered using snpb or lead (pb)-free soldering processes. 8. cleaning (flux removal) after soldering: molded capacitors are compatible with all commonly used solvents such as tes, tms, prelete, chlorethane, terpene and aqueous clea ning media. however, cfc/ods products are not used in the production of these devices and are not recommended. solvents containing methylene ch loride or other epoxy solvents should be avoided since these will attack the epoxy encapsulation material. 8.1 when using ultrasonic cleaning, the board may resonate if the output power is too high. this vibration can cause cracking or a decrease in the adherence of the terminati on. do not exceed 9w/l at 40 khz for 2 min. 9. recommended mounting pad geometries: proper mounting pad geometries are essential for successful solder connections. these dimensions are highly process sensitiv e and should be designed to minimize component rework due to unacceptable solder joints. the dimensional configurations shown are the recommended pad geometries for both wave and reflow soldering techniques. these dimensions are intended to be a starting point for circuit board designers and may be fine tuned if necessary based upon the peculiarities of the soldering process and/or circuit board design. temperature derating factor + 25 c 1.0 + 85 c 0.9 + 125 c 0.4 i rms p r esr ------------ = v rms i rms x z = v rms z p r esr ------------ =
typical performance characteristics www.vishay.com vishay sprague revision: 27-feb-13 21 document number: 40088 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical performance characteristics tantalum capacitors notes ? all information presented in this document reflects typical performance characteristics (1) capacitance values 15 f and higher capacitor electrical performance characteristics item performance characteristics category temperature range - 55 c to + 85 c (to + 125 c with voltage derating) capacitance tolerance 20 %, 10 % (at 120 hz) 2 v rms (max.) at + 25 c using a capacitance bridge dissipation factor limit per standard ratings ta ble. tested via bridge method, at 25 c, 120 hz esr limit per standard ratings table. te sted via bridge method, at 25 c, 100 khz leakage current after application of rated voltage applied to capacitors for 5 min using a steady source of power with 1 k ? resistor in series with the capa citor under test, leakage current at 25 c is not more than 0.01 cv or 0.5 a, whichever is greater. note that the leakage current varies with temperature an d applied voltage. see graph below for the appropriate adjustment factor. capacitance change by temperature + 12 % max. (at + 125 c) + 10 % max. (at + 85 c) - 10 % max. (at - 55 c) for capacitance value > 300 f + 20 % max. (at + 125 c) + 15 % max. (at + 85 c) - 15 % max. (at - 55 c) reverse voltage capacitors are capable of withstanding peak voltages in the reverse direction equal to: 10 % of the dc rating at + 25 c 5 % of the dc rating at + 85 c vishay does not recommend in tentional or repetitive application of reverse voltage temperature derating if capacitors are to be used at temperatures above + 25 c, the permissible rms ripple current or voltage shall be calculated using the derating factors: 1.0 at + 25 c 0.9 at + 85 c 0.4 at + 125 c operating temperature + 85 c + 125 c rated voltage (v) surge voltage (v) rated voltage (v) surge voltage (v) 4 5.2 2.7 3.4 6.3 8 4 5 10 13 7 8 16 20 10 12 20 26 13 16 25 32 17 20 35 46 23 28 50 65 33 40 50 (1) 60 33 40 63 76 42 50
typical performance characteristics www.vishay.com vishay sprague revision: 27-feb-13 22 document number: 40088 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? at + 25 c , the leakage current shall not exceed the value listed in the standard ratings table. ? at + 85 c , the leakage current shall not exceed 10 times the value listed in the standard ratings table. ? at + 125 c , the leakage current shall not exceed 12 times the value listed in the standard ratings table. typical leakage current factor range capacitor performance characteristics item performance characteristics surge voltage post application of surge voltage (as specified in the table above) in series with a 33 ? resistor at the rate of 30 s on, 30 s off, for 1000 successive test cycles at 85 c, capacito rs meet the characterist ics requirem ents listed below. capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less surge current after subjecting parts in series with a 1 ? resistor at the rate of 3 s charge , 3 s discharge, and a cap bank of 100k f for 3 successive test cycles at 25 c, capacitors meet the ch aracteristics requirem ents listed below. capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less life test at + 85 c capacitors meet the characteristic requirements listed below. after 2000 h application of rated voltage at 85 c. capacitance change leakage current within 10 % of initial value shall not exceed 125 % of initial value life test at + 125 c capacitors meet the characteristic requirements listed belo w. after 1000 h applicat ion 2/3 of rated voltag e at 125 c. capacitance change for parts with cap. ? 600 f for parts with cap. > 600 f leakage current within 10 % of initial value within 20 % of initial value shall not exceed 125 % of initial value leakage current factor percent of rated voltage 100 10 1.0 0.1 0.01 0.001 0 10 20 30 40 50 60 70 80 90 100 + 125 c + 85 c + 55 c + 25 c - 55 c + 150 c 0 c
typical performance characteristics www.vishay.com vishay sprague revision: 27-feb-13 23 document number: 40088 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 capacitor environmental characteristics item condition environmental characteristics humidity tests at 40 c/90 % rh 1000 h, no voltage applied. capacitance change cap. ? 600 f cap. > 600 f dissipation factor within 10 % of initial value within 20 % of initial value not to exceed 150 % of initial + 25 c requirement temperature cycles at - 55 c/+ 125 c, 30 mi n each, for 5 cycles . capacitance change cap. ? 600 f cap. > 600 f dissipation factor leakage current within 10 % of initial value within 20 % of initial value initial specified value or less initial specified value or less moisture resistance mil-std-202, method 106 at rated voltage, 42 cycles. capacitance change cap. ? 600 f cap. > 600 f dissipation factor leakage current within 10 % of initial value within 20 % of initial value initial specified value or less initial specified value or less thermal shock capacitors are subjected to 5 cycles of the following: - 55 c (+ 0 c, - 5 c) for 30 min, then + 25 c (+ 10 c, - 5 c) for 5 min, then + 125 c (+ 3 c, - 0 c) for 30 min, then + 25 c (+ 10 c, - 5 c) for 5 min capacitance change cap. ? 600 f cap. > 600 f dissipation factor leakage current within 10 % of initial value within 20 % of initial value initial specified value or less initial specified value or less mechanical performance characteristics test condition condition post test performance shear test apply a pressure load of 5 n for 10 s 1 s horizontally to the center of capa citor side body. capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less there shall be no mechanical or visual damage to capacitors post-conditioning. substrate bend with parts soldered onto substrate test board, apply force to the test board for a deflection of 3 mm, for a total of 3 bends at a rate of 1 mm/s. capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less vibration mil-std-202, method 204, condition d, 10 hz to 2000 hz, 20 g peak capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less there shall be no mechanical or visual damage to capacitors post-conditioning. shock mil-std-202, method 213b shock (specified pulse), condition i, 100 g peak capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less there shall be no mechanical or visual damage to capacitors post-conditioning. resistance to solder heat ? recommended reflow profiles temperatures and durations are locate d within the capacitor series guides ? pb-free and lead-bearing series caps are backward and forward compatible capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less there shall be no mechanical or visual damage to capacitors post-conditioning. solderability mil-std-2002, method 208, ansi/j-std-002, test b. applies only to solder and tin plated terminations. does not apply to gold terminations. capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less there shall be no mechanical or visual damage to capacitors post-conditioning. resistance to solven ts mil-std-202, method 215 capacitance change dissipation factor leakage current within 10 % of initial value initial specified value or less initial specified value or less there shall be no mechanical or visual damage to capacitors post-conditioning. flammability encapsulent materi als meet ul 94 v-0 with an oxygen index of 32 %.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 593D106X9025C2TE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X